Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC368LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC368LP4
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC368LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC368LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
11 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC368LP4
v02.0604
Evaluation PCB
List of Materials for Evaluation PCB 107846*
Item
Description
J1 - J2
PC Mount SMA Connector
J3 - J7
DC Pin
C1 - C4
100 pF capacitor, 0402 Pkg.
C5 - C8
2.2 µF capacitor, case size A
U1
HMC368LP4, Amp-x2-Amp
PCB**
107844 PCB
** Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques.
Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be
connected directly to the ground plane similar to that shown. The evaluation circuit board shown is available from
Hittite upon request.
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
*Reference this number when ordering complete evaluation PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com