Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC368LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC368LP4
Description  SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC368LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC368LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC368LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
11 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
11
HMC368LP4
v02.0604
Output Spectrum @ Fin = 6.5 GHz,
Pin = +2 dBm
SSB Phase Noise
Performance, Fout = 13 GHz,
Input Power = +2 dBm
SMT GaAs PHEMT MMIC
AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
-50
-40
-30
-20
-10
0
10
20
4
6
8
101214161820222426
28
FREQUENCY (GHz)
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
Output Power vs. Input Power
@ Three Frequencies
-10
-5
0
5
10
15
20
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
9GHz
12GHz
16GHz
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com