Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW3 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW3
Description  SP3T AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW3 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW3_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SP3T AlGaAs PIN Diode Switch
Rev. V7
MA4AGSW3
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
ASSEMBLY INSTRUCTIONS
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 1A, HBM. Proper ESD techniques should be used when handling
these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection,
particularly for the metal air bridge, which contacts the diode’s anode. Die should primarily be handled with
vacuum pickup tools, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW3, AlGaAs device is designed to be mounted with electrically conductive silver epoxy or with a
low temperature solder perform, which does not have a rich tin content.
SOLDER DIE ATTACH
Only solders which do not scavenge gold, such as 80/20, Au/Sn or Indalloy #2 is recommended. Do not
expose die to temperatures greater than 300°C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal
resistance. Cure epoxy per manufacturer
’s schedule. Typically 150°C for 1 hour.
RIBBON/WIRE BONDING
Thermo-compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding pads.
A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible for the
lowest inductance and best microwave performance. For more detailed handling and assembly instructions,
see Application Note M541, “Bonding and Handling Procedures for Chip Diode Devices” at
www.macomtech.com.
Ordering Information
Part Number
Package
MA4AGSW3
Waffle Pack



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com