Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW3 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW3
Description  SP3T AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW3 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW3_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SP3T AlGaAs PIN Diode Switch
Rev. V7
MA4AGSW3
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
FEATURES
Ultra Broad Bandwidth : 50 MHz to 50 GHz
Functional Bandwidth : 50 MHz to 70 GHz
0.8 dB Insertion Loss
31 dB Isolation at 50 GHz
Low Current consumption
-10mA for low loss state
+10mA for Isolation state
M/A-COM Tech’s unique AlGaAs
hetero-junction anode technology
Silicon Nitride Passivation
Polymer Scratch protection
RoHS Compliant* and 260°C Reflow Compatible
DESCRIPTION
The MA4AGSW3 is an Aluminum-Gallium-Arsenide,
single pole, triple throw (SP3T), PIN diode switch.
The switch features enhanced AlGaAs anodes which
are formed using M/A-COM Tech’s patented hetero-
junction technology. This technology produces a
switch with less loss than conventional GaAs proc-
esses. As much as a 0.3 dB reduction in insertion
loss can be realized at 50GHz. These devices are
fabricated on an OMCVD epitaxial wafer using a
process designed for high device uniformity and
extremely low parasitics. The diodes themselves
exhibit low series resistance, low capacitance, and
fast switching speed. They are fully passivated with
silicon nitride and have an additional polymer layer
for scratch protection. The protective coating
prevents damage to the diode junction and anode
air-bridges during handling and assembly. Off chip
bias circuitry is required.
APPLICATIONS
The high electron mobility of AlGaAs and the low
capacitance of the PIN diodes makes this switch
ideal for fast switching, high frequency, multi-throw
switch designs. These AlGaAs PIN switches are use
in switching arrays for radar systems, radiometers,
test equipment and other multi-assembly compo-
nents.
Yellow areas indicate bond pads
Absolute Maximum Ratings
@ TAMB = +25°C (Unless Otherwise Noted)
Parameter
Maximum Rating
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Incident C.W. RF Power
+23dBm C.W.
Breakdown Voltage
25V
Bias Current
± 25mA
Junction Temperature
+150°C
Maximum combined operating conditions for RF Power, D.C.
bias, and temperature: +23 dBm C.W. @ 10 mA (per diode) @
+85°C.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA4AGSW3_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW3_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
MA4AGSW3 MACOM-MA4AGSW3 Datasheet
241Kb / 6P
AlGaAs SP3T PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW8-2 MA-COM-MA4AGSW8-2 Datasheet
123Kb / 6P
SP8T AlGaAs PIN Diode Switch
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MSW310X-310 MA-COM-MSW310X-310 Datasheet
1Mb / 15P
SP3T PIN Diode Switch
MSW3103-310 MA-COM-MSW3103-310 Datasheet
1Mb / 14P
SP3T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com