Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC90104AFG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC90104AFG
Description  Multi System Video Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104AFG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC90104AFG Datasheet HTML 2Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 3Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 4Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 5Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 6Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 7Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 8Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 9Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Summary TC90104AFG
Page 6
Rev.1.00
2015/10/16
5.2.2
Input signal
The TC90104AFG is equipped with 3-ch ADC for Composite video signal, Y/C signal and YCbCr signal input.
The input-dynamic-range for ADC is designed in AVDD x 0.4 [V] with the normal input dynamic range being 1 Vp-p
(AVDD = 2.5 V). Be sure to use 0.7 Vp-p (1 Vp-p x 0.7) with 140IRE input when using NTSC as the recommended
reference input amplitude.
5.2.3
Table of Input – Output signal
Input signal
Processing
Output signal
Input format
f H [kHz]
Sampling
clock
[MHz]
Internal
Format
Output
clock
[MHz]
RGB
601
656
HD
VD
ENB
CVBS
NTSC
15.75/15.734
27
4:2:2
13.5 / 27
-
○ ○ ○
-
PAL
15.625
27
4:2:2
13.5 / 27
-
○ ○ ○
-
Y/C
NTSC
15.75/15.734
27
4:2:2
13.5 / 27
-
○ ○ ○
-
PAL
15.625
27
4:2:2
13.5 / 27
-
○ ○ ○
-
YCbCr
D1
480i
15.75/15.734
27
4:2:2
13.5 / 27
-
○ ○ ○
-
576i
15.625
27
4:2:2
13.5 / 27
-
○ ○ ○
-
D2
480p
31.5/31.469
27
4:2:2
27
-
○ ○ ○
-
576p
31.25
27
4:2:2
27
-
○ ○ ○
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com