Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC90104AFG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TC90104AFG
Description  Multi System Video Decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90104AFG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TC90104AFG Datasheet HTML 8Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 9Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 10Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 11Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 12Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 13Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 14Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 15Page - Toshiba Semiconductor TC90104AFG Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Summary TC90104AFG
Page 12
Rev.1.00
2015/10/16
6.
Absolute Maximum rating
The maximum ratings are rated values which must not be exceeded during operation, even for an instant. Exceeding
the maximum rating may result in destruction, degradation or other damage to the IC and other components. When
designing applications for this IC, be sure that none of the maximum rating values will ever be exceeded.
Characteristics
Symbol
Rating
Unit
Power voltage1
(1.5 V system)
VDD1
-0.3 to VSS + 2.0
V
Power voltage2
(2.5 V system)
VDD2
-0.3 to VSS + 3.5
V
Power voltage3
(3.3 V system)
VDD3
-0.3 to VSS + 3.9
V
Input voltage
(1.5 V system)
VIN1
-0.3 to VDD1 + 0.3
V
Input voltage
(2.5 V system)
VIN2
-0.3 to VDD2 + 0.3
V
Input voltage
(3.3 V system)
VIN3
-0.3 to VDD3 + 0.3
V
Input voltage
(3.3 V system, 5 V withstand voltage)
VIN4 (Notes1)
-0.3 to VSS + 5.5
V
Potential difference between power pins
(between 1.5 V system power pins)
ΔVDG1 (Notes2)
0.3
V
Potential difference between power pins
(between 2.5 V system power pins)
ΔVDG2 (Notes2)
0.3
V
Potential difference between power pins
(between 3.3 V system power pins)
ΔVDG3 (Notes2)
0.3
V
Power dissipation
PD (Notes3)
2190
mW
Storage temperature
Tstg
-40 to 125
°C
Note1: The withstand voltage for pins (SDA, SCL) is 5 V.
Note2: For each of 1.5 V and 2.5 V and 3.3 V, system power supply terminal is made into the same voltage.
The maximum potential difference should not exceed rating for all power supply terminals then.
In addition, potential difference between all VSS terminal must be under 0.01 V in this status.
Note3: If you intended to use a temperature higher than Ta = 25°C, reduce by 21.9 mW per one degree (°C) increase.
7.
Operating ranges
The TC90104AFG is not guaranteed to function correctly if it is used outside its specified power voltage rage (1.5 V
system power: 1.40 V to 1.60 V, 2.5 V system power: 2.3 V to 2.7 V, 3.3 V system power: 3.0 V to 3.6V). Please use
within the specified operating conditions.
If you temporarily leave and then return to the specified operating conditions, this IC’s conditions will change, and so
it is necessary to reset the IC’s power to continue using it correctly within the specified operating conditions.
Characteristics
Corresponding terminal
Symbol
Min
Typ.
Max
Unit
Power voltage of digital block
10, 23, 37
VDD-D
1.4
1.5
1.6
V
Power voltage of I/O block
19, 26, 43
VDD-IO
3.0
3.3
3.6
V
Power voltage of XO block
6
VDDXO
2.3
2.5
2.7
V
Power voltage of PLL block
3
VDDPLL
2.3
2.5
2.7
V
Power voltage of analog block
1, 49, 58
VDDDA, VDDAD
2.3
2.5
2.7
V
Operating templature
Topr
-40
-
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com