Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59581 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59581
Description  48-Channel, 16-Bit ES-PWM LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59581 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC59581 Datasheet HTML 3Page - Texas Instruments TLC59581 Datasheet HTML 4Page - Texas Instruments TLC59581 Datasheet HTML 5Page - Texas Instruments TLC59581 Datasheet HTML 6Page - Texas Instruments TLC59581 Datasheet HTML 7Page - Texas Instruments TLC59581 Datasheet HTML 8Page - Texas Instruments TLC59581 Datasheet HTML 9Page - Texas Instruments TLC59581 Datasheet HTML 10Page - Texas Instruments TLC59581 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLC59581, TLC59582
www.ti.com
SLVSCZ9A – OCTOBER 2015 – REVISED NOVEMBER 2015
Recommended Operating Conditions (continued)
At TA = –40°C to 85°C, unless otherwise noted
MIN
NOM
MAX
UNIT
AC CHARACTERISTICS, VCC = 3 V to 5.5 V(1)
FCLK(SCLK)
Data shift clock frequency
SCLK
25
MHz
FCLK(GCLK)
Grayscale control clock frequency
GCLK
33
MHz
tWH0
SCLK
10
tWL0
SCLK
10
Pulse duration
ns
tWH1
GCLK
15
tWL1
GCLK
10
tSU0
SIN - SCLK
↑
2
tSU1
LAT
↑ - SCLK↑
3
LAT
↓ - SCLK↑
5
ns
tSU2
LAT
↓ - SCLK↑, for READSID,
50
READFC1, and READFC2
Setup time
tSU3
LAT
↓ (Vsync command) - GCLK↑
2500
The last LAT
↓ for no all ‘0’ data latching
tSU4
to resume normal mode – GCLK
↑,
50
µS
PSAVE_ENA bit = ‘1b’
The last GCLK
↑ - the 1st GCLK↑ of next
tSU5
20
ns
line
tH0
SCLK
↑ - SIN
2
tH1
Hold time
SCLK
↑ - LAT↑
2
ns
tH2
SCLK
↑ - LAT↓
13
(1)
Specified by design
7.4 Thermal Information
TLC59581/82
THERMAL METRIC(1)
RTQ (VQFN)
UNIT
56 PINS
RθJA
Junction-to-ambient thermal resistance
27.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
13.6
°C/W
RθJB
Junction-to-board thermal resistance
5.5
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
TLC59582



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com