Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0816 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0816
Description  8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0816 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC0816 Datasheet HTML 5Page - National Semiconductor (TI) ADC0816 Datasheet HTML 6Page - National Semiconductor (TI) ADC0816 Datasheet HTML 7Page - National Semiconductor (TI) ADC0816 Datasheet HTML 8Page - National Semiconductor (TI) ADC0816 Datasheet HTML 9Page - National Semiconductor (TI) ADC0816 Datasheet HTML 10Page - National Semiconductor (TI) ADC0816 Datasheet HTML 11Page - National Semiconductor (TI) ADC0816 Datasheet HTML 12Page - National Semiconductor (TI) ADC0816 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Information (Continued)
3.0 CONVERTER EQUATIONS
The transition between adjacent codes N andN+1is given
by:
(2)
The center of an output code N is given by:
(3)
The output code N for an arbitrary input are the integers
within the range:
(4)
where: V
IN = Voltage at comparator input
V
REF = Voltage at Ref(+)
V
REF = Voltage at Ref(−)
V
TUE = Total unadjusted error voltage (typically
V
REF(+) ÷512)
4.0 ANALOG COMPARATOR INPUTS
The dynamic comparator input current is caused by the
periodic switching of on-chip stray capacitances These are
connected alternately to the output of the resistor ladder/
switch tree network and to the comparator input as part of
the operation of the chopper stabilized comparator.
The average value of the comparator input current varies
directly with clock frequency and with V
IN as shown in Figure
6.
If no filter capacitors are used at the analog or comparator
inputs and the signal source impedances are low, the com-
parator input current should not introduce converter errors,
as the transient created by the capacitance discharge will die
out before the comparator output is strobed.
If input filter capacitors are desired for noise reduction and
signal conditioning they will tend to average out the dynamic
comparator input current. It will then take on the character-
istics of a DC bias current whose effect can be predicted
conventionally. See AN-258 for further discussion.
DS005277-15
FIGURE 13. Symmetrically Centered Reference
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com