Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0021SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021SMB
Description  Digital Attenuator, 15.5 dB, 5-Bit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0021SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0021SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digital Attenuator, 15.5 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0021
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 
Parameter
Test Conditions
Units
Min
Typ
Max
Reference Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
1.1
1.3
1.5
1.8
2.0
Attenuation Accuracy 4
DC - 2.0 GHz
± (0.30 dB +3% of Attenuation Setting in dB) dB
VSWR
(Any state)
Ratio
1.5:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
12
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
18
Transients
In Band
mV
30
1 dB Compression
Input Power, 0.05 GHz
Input Power, 0.5 - 2.0 GHz
dBm
dBm
22
27
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
53
68
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
40
45
4. Attenuation acccuracy specifications apply with negative bias control and low inductance grounding.
Truth Table
0 = Vin Low = 0 V = 0 to –0.2 V @ 20 µA maximum
1 = Vin High = -5 V at 20 µA to -8 V at 20 µA maximum
Lead-Free SOIC-16
Reference Application Note M538 for lead-free solder reflow
recommendations.
Control Inputs
VC5 VC4 VC3 VC3 VC2 VC2 VC1 VC1 Atten.
1
1
1
0
1
0
1
0
Refer-
ence
0
1
1
0
1
0
1
0
0.5 dB
1
0
1
0
1
0
1
0
1 dB
1
1
0
1
1
0
1
0
2 dB
1
1
1
0
0
1
1
0
4 dB
1
1
1
0
1
0
0
1
8 dB
0
0
0
1
0
1
0
1
15.5 dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com