Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0021SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021SMB
Description  Digital Attenuator, 15.5 dB, 5-Bit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0021SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0021SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0021SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator, 15.5 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0021
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Insertion Loss
Attenuation Accuracy
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
+25°C
-40°C
+85°C
Frequency (GHz)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0.5
1.0
1.5
2.0
0.5 dB Atten
1 dB Atten
2 dB Atten
4 dB Atten
8 dB Atten
15.5 dB Atten
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com