Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CV2304 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CV2304
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV2304 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CV2304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
5
PS8537F
09/14/09
Rise/Fall Time
Note:
For test circuit: RS = 0 for PI6CV2304, RS = 15 ohms for PI6CV304
CL = 10, 15, 22, or 33pF, depending on frequency.
VOH
2.0V
0.8V
VOL
2.0V
0.8V
tr
tf
–100
–80
–60
VDD = 3.0V
TA = 25°C
Ioh - mA
–40
–20
3.5
3
2
2.5
1.5
1
0.5
0
0
PI6CV2304
PI6CV304
High-Level Output Voltage
vs. High-Level Output Current
Low-Level Output Voltage
vs. Low-Level Output Current
020
PI6CV2304
40
VDD = 3.0V
TA = 25°C
Ioh - mA
60
80
3.5
3
2
2.5
1.5
1
0.5
0
100
PI6CV304
09-0040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com