Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CV2304 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6CV2304
Description  160 MHz Clock Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CV2304 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6CV2304 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CV2304 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CV304 / PI6CV2304
160 MHz Clock Buffers
3
PS8537F
09/14/09
PI6CV304 DC Characteristics Over Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
M.
p
y
Tx
a
Ms
t
i
n
U
V L
I
e
g
a
t
l
o
V
t
u
p
n
I
w
o
L
8
.
0
V
V H
I
e
g
a
t
l
o
V
t
u
p
n
I
h
g
i
H0
.
2
I L
I
t
n
e
r
r
u
C
t
u
p
n
I
w
o
LV N
I
V
0
=5
–
μA
I H
I
t
n
e
r
r
u
C
t
u
p
n
I
h
g
i
HV N
I
V
=
D
D
5
V L
O
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
LV D
D
I
,
V
0
.
3
=
L
O
A
m
2
1
=4
.
0
V
V H
O
e
g
a
t
l
o
V
t
u
p
t
u
O
h
g
i
HV D
D
I
,
V
0
.
3
=
H
O
A
m
2
1
–
=4
.
2
CO
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
O
7
F
p
I
Ce
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
5
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
CL
z
H
M
3
3
/
F
p
3
3
=0
2
A
m
CL
z
H
M
6
6
/
F
p
3
3
=0
4
CL
z
H
M
0
8
/
F
p
2
2
=5
3
CL
z
H
M
0
0
1
/
F
p
5
1
=2
3
CL
z
H
M
5
2
1
/
F
p
0
1
=8
2
CL
z
H
M
5
5
1
/
F
p
0
1
=1
4
ZO
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O0
2
Ω
Le
c
n
a
t
c
u
d
n
I
n
i
P
7H
n
PI6CV304 AC Characteristics (TA= –40~85°C,VDD= 3.3V ±0.3V, 33pF/66MHz and 10pF/160MHz)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
M
s
t
i
n
U
f N
I
y
c
n
e
u
q
e
r
f
t
u
p
n
I
00
6
1z
H
M
t H
L
P
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
h
g
i
h
-
o
t
-
w
o
LV
5
.
1
@
s
e
g
d
e
g
n
i
s
i
r
]
3
-
0
[
Y
o
t
N
I
_
K
L
C0
.
10
.
3
s
n
t
L
H
P
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
w
o
l
-
o
t
-
h
g
i
HV
5
.
1
@
s
e
g
d
e
g
n
i
l
l
a
f
]
3
-
0
[
Y
o
t
N
I
_
K
L
C0
.
10
.
3
t
)
O
(
K
S
w
e
k
s
t
u
p
t
u
O
)
2
(
V
5
.
1
@0
0
1
s
p
t
)
P
(
K
S
w
e
k
s
e
s
l
u
PV
5
.
1
@0
0
3
t
)
T
(
K
S
w
e
k
s
e
g
a
k
c
a
P
)
1
(
V
5
.
1
@0
0
5
tR t
, F
e
m
i
t
l
l
a
F
,
e
s
i
RV
0
.
2
~
V
8
.
02
.
1
s
n
t L
Z
P
t
,
H
Z
P
e
m
i
t
e
l
b
a
n
e
t
u
p
t
u
O
5
t Z
L
P
t
,
Z
H
P
e
m
i
t
e
l
b
a
s
i
d
t
u
p
t
u
O
0
1
t C
D
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
t C
D
t
= H t
/ Y
C
t
, H
,
h
t
d
i
W
e
s
l
u
P
h
g
i
H
=
t Y
C
V
5
.
1
@
,
e
m
i
T
e
l
c
y
C
t
u
p
t
u
O
=
5
45
5%
Note:
1. Identical traces, loads, power supply.
2. Maximum Output Skew is 100ps when frequency is below 125MHz with 10pF loading.
09-0040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com