Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0010 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Description  Low Cost Two-Way GMIC SMT Power Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Cost Two-Way GMIC SMT Power Divider,
2200 - 2500 MHz
Rev. V2
MAPDCC0010
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
(above 3.0 dB theoretical loss)
2200 - 2500 MHz
dB
—
1.0
1.1
Isolation
2200 - 2500 MHz
dB
15
22
—
Input VSWR
2200 - 2500 MHz
Ratio
—
1.6:1
1.8:1
Output VSWR
2200 - 2500 MHz
Ratio
—
1.3:1
1.5:1
Amplitude Balance
2200 - 2500 MHz
dB
—
0.1
—
Phase Balance
2200 - 2500 MHz
°
—
2
—
Recommended PCB Configuration
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
Input Power 3
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
3. With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
4
5
3
2
1
.046
.022
Typ.
.006
Typ.
.056
.020 Typ.
Plated Thru Hole
Dimensions in inches.
Circuit Material: FR-4, .016 Thick.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com