Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0010 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Description  Low Cost Two-Way GMIC SMT Power Divider
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Cost Two-Way GMIC SMT Power Divider,
2200 - 2500 MHz
Rev. V2
MAPDCC0010
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Isolation vs. Frequency
VSWR vs. Frequency
Typical Performance Curves @ 25ºC
Insertion Loss vs. Frequency
0.0
0.5
1.0
1.5
2200
2275
2350
2425
2500
Frequency (MHz)
14
16
18
20
22
24
26
2200
2275
2350
2425
2500
Frequency (MHz)
1.0
1.2
1.4
1.6
1.8
2.0
2200
2275
2350
2425
2500
Frequency (MHz)
Inp ut
Out p ut
Lead-Free, SOT-25†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com