Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820BCWM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820BCWM
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820BCWM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0820BCWM Datasheet HTML 1Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 2Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 3Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 4Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 5Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 6Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 7Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
10V
Logic Control Inputs
−0.2V to V
CC +0.2V
Voltage at Other Inputs and Output
−0.2V to V
CC +0.2V
Storage Temperature Range
−65˚C to +150˚C
Package Dissipation at T
A = 25˚C
875 mW
Input Current at Any Pin (Note 5)
1 mA
Package Input Current (Note 5)
4 mA
ESD Susceptability (Note 9)
1200V
Lead Temp. (Soldering, 10 sec.)
Dual-In-Line Package (plastic)
260˚C
Dual-In-Line Package (ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Operating Ratings (Notes 1, 2)
Temperature Range
T
MIN≤TA≤TMAX
ADC0820CCJ
−40˚C
≤T
A≤+85˚C
ADC0820CIWM
−40˚C
≤T
A≤+85˚C
ADC0820BCN, ADC0820CCN
0˚C
≤T
A≤70˚C
ADC0820BCV
0˚C
≤T
A≤70˚C
ADC0820BCWM, ADC0820CCWM
0˚C
≤T
A≤70˚C
V
CC Range
4.5V to 8V
Converter Characteristics
The following specifications apply for RD mode (pin 7=0), V
CC=5V, VREF(+)=5V,and VREF(−)=GND unless otherwise speci-
fied. Boldface limits apply from T
MIN to TMAX; all other limits TA=Tj=25˚C.
Parameter
Conditions
ADC0820BCN, ADC0820CCN
Limit
Units
ADC0820CCJ
ADC0820BCV, ADC0820BCWM
ADC0820CCWM, ADC0820CIWM
Typ
Tested
Design
Typ
Tested
Design
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
(Note 7)
(Note 8)
Resolution
8
8
8
Bits
Total Unadjusted
ADC0820BCN, BCWM
±1⁄2
±1⁄2
LSB
Error
ADC0820CCJ
±1
LSB
(Note 3)
ADC0820CCN, CCWM, CIWM,
±1
±1
LSB
ADC0820CCMSA
±1
±1
LSB
Minimum Reference
2.3
1.00
2.3
1.2
k
Ω
Resistance
Maximum Reference
2.3
6
2.3
5.3
6
k
Ω
Resistance
Maximum VREF(+)
VCC
VCC
VCC
V
Input Voltage
Minimum VREF(−)
GND
GND
GND
V
Input Voltage
Minimum VREF(+)
VREF(−)
VREF(−)
VREF(−)
V
Input Voltage
Maximum VREF(−)
VREF(+)
VREF(+)
VREF(+)
V
Input Voltage
Maximum VIN Input
VCC+0.1
VCC+0.1
VCC+0.1
V
Voltage
Minimum VIN Input
GND−0.1
GND−0.1
GND−0.1
V
Voltage
Maximum Analog
CS =VCC
Input Leakage
VIN=VCC
3
0.3
3
µA
Current
VIN=GND
−3
−0.3
−3
µA
Power Supply
VCC=5V±5%
±1/16
±1⁄4
±1/16
±1⁄4
±1⁄4
LSB
Sensitivity
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com