Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0820BCWM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0820BCWM
Description  8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0820BCWM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC0820BCWM Datasheet HTML 10Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 11Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 12Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 13Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 14Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 15Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 16Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 17Page - National Semiconductor (TI) ADC0820BCWM Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2.0 Analog Considerations
2.1 REFERENCE AND INPUT
The two V
REF inputs of the ADC0820 are fully differential and
define the zero to full-scale input range of the A to D con-
verter. This allows the designer to easily vary the span of the
analog input since this range will be equivalent to the voltage
difference
between
V
IN(+)
and
V
IN(−).
By
reducing
V
REF(VREF=VREF(+)−VREF(−)) to less than 5V, the sensitivity
of the converter can be increased (i.e., if V
REF=2V then 1
LSB=7.8 mV). The input/reference arrangement also facili-
tates ratiometric operation and in many cases the chip power
supply can be used for transducer power as well as the V
REF
source.
This reference flexibility lets the input span not only be varied
but also offset from zero. The voltage at V
REF(−) sets the in-
put level which produces a digital output of all zeroes.
Though V
IN is not itself differential, the reference design af-
fords nearly differential-input capability for most measure-
ment applications.
Figure 13 shows some of the configura-
tions that are possible.
2.2 INPUT CURRENT
Due to the unique conversion techniques employed by the
ADC0820, the analog input behaves somewhat differently
than in conventional devices. The A/D’s sampled-data com-
parators take varying amounts of input current depending on
which cycle the conversion is in.
The equivalent input circuit of the ADC0820 is shown in
Fig-
ure 14. When a conversion starts (WR low, WR-RD mode),
all input switches close, connecting V
IN to thirty-one 1 pF ca-
pacitors. Although the two 4-bit flash circuits are not both in
their compare cycle at the same time, V
IN still sees all input
capacitors at once. This is because the MS flash converter is
connected to the input during its compare interval and the LS
flash is connected to the input during its zeroing phase (Sec-
tion 1.3). In other words, the LS ADC uses V
IN
as its
zero-phase input.
The input capacitors must charge to the input voltage
through the on resistance of the analog switches (about 5 k
Ω
to 10 k
Ω). In addition, about 12 pF of input stray capacitance
must also be charged. For large source resistances, the ana-
log input can be modeled as an RC network as shown in
Fig-
ure 15.As R
S increases, it will take longer for the input ca-
pacitance to charge.
In RD mode, the input switches are closed for approximately
800 ns at the start of the conversion. In WR-RD mode, the
time that the switches are closed to allow this charging is the
time that WR is low. Since other factors force this time to be
at least 600 ns, input time constants of 100 ns can be ac-
commodated without special consideration. Typical total in-
put capacitance values of 45 pF allow R
S to be 1.5 kΩ with-
out lengthening WR to give V
IN more time to settle.
External Reference 2.5V Full-Scale
DS005501-21
Power Supply as Reference
DS005501-22
Input Not Referred to GND
DS005501-23
FIGURE 13. Analog Input Options
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com