Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P02 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC48P02
Description  2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P02 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC48P02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P02 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.pericom.com
PI6LC48P02
Rev. C
08/13/15
PI6LC48P02
2-Output LVPECL Fibre Channel (FC) and Ethernet Clock Generator
LVPECL DC Characterisitcs, (TA = -40ºC to 85ºC)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage(1)
V
DD = 3.3V
1.9
2.4
V
V
DD = 2.5V
1.1
1.6
VOL
Output Low Voltage(1)
V
DD = 3.3V
1.2
1.6
V
V
DD = 2.5V
0.4
0.8
Note: 1. LVPECL Termination: Source 150ohm to GND and 100ohm across CLK and CLK#.
AC Electrical Characteristics, (TA = -40ºC to 85ºC)
LVPECL Termination: Source 150ohm to GND and using 0.01uF ac-coupled to 50ohm to GND
Symbol
Parameter
Condition
Min.
Typ.
Max
Units
fOUT
Output Frequency
N_SEL[1:0] = 00
186.67
226.67
MHz
N_SEL[1:0] = 01
140
170
MHz
N_SEL[1:0] = 10
93.33
113
MHz
N_SEL[1:0] = 11
46.67
56.67
MHz
tsk(o)
Output Skew(1,3)
Outputs at the same same loading
30
ps
tjit(Ø)
RMS Phase Jitter,
(Random)(2)
212.5MHz, (637kHz - 10MHz)
0.17
ps
212.5MHz, (12kHz - 20MHz)
0.28
ps
200MHz, (1.875MHz - 20MHz)
0.10
ps
200MHz, (12kHz - 20MHz)
0.29
ps
156.25MHz, (1.875MHz - 20MHz)
0.15
ps
156.25MHz, (12kHz - 20MHz)
0.30
ps
159.375MHz, (637kHz - 10MHz)
0.20
ps
159.375MHz, (12kHz - 20MHz)
0.30
ps
150MHz, (1.875MHz - 20MHz)
0.15
ps
150MHz, (12kHz - 20MHz)
0.31
ps
106.25MHz, (637kHz - 10MHz)
0.20
ps
106.25MHz, (12kHz - 20MHz)
0.32
ps
100MHz, (1.875MHz - 20MHz)
0.18
ps
100MHz, (12kHz - 20MHz)
0.32
ps
53.125MHz, (637kHz - 10MHz)
0.25
ps
53.125MHz, (12kHz - 20MHz)
0.42
ps
50MHz, (1.875MHz - 10MHz)
0.36
ps
50MHz, (12kHz - 20MHz)
0.60
ps
187.5MHz, (1.875MHz - 10MHz)
0.11
ps
187.5MHz, (12kHz - 20MHz)
0.28
ps
15-0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com