Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4833 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC4833 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Clock Generator for Power PC
Function Table
Output
Buffer
Frequency (MHz)
Selection Pin
QA0+/-, QA1+/-, QA2+/-,
QA3+/-
HCSL x4
100, 125, 200, 250
FA1, FA0
QB1, QB0
CMOS x2
33.3333, 50, 66.6667, 100
FB1, FB0
QC0+/-
LVPECL x1 125, 156.25, 312.5
Sel_Freq3
QC1
CMOS x1
125, 156.25, HiZ
QD0+/-
LVPECL x1 25, 125
Sel_Freq1
QD2, QD1
CMOS x2
25, 125
Qref2, Qref1, Qref0
CMOS x3
25, 125
Sel_Freq2
FB1
FB0
QB0
QB1
Output
0
0
33.33MHz
33.33MHz
LVCMOS
0
1
66.66MHz
66.66MHz
LVCMOS
1
0
100MHz
100MHz
LVCMOS
1
1
50MHz
50MHz
LVCMOS
FA1
FA0
QA0+ /QA0-
QA1+ /QA1-
QA2+ /QA2-
QA3+ /QA3-
0
0
100MHz
100MHz
100MHz
100MHz
0
1
125MHz
125MHz
125MHz
125MHz
1
0
200MHz
200MHz
200MHz
200MHz
1
1
250MHz
250MHz
250MHz
250MHz
Pin Number
Pin Name
I/O Type
Description
30
Sel_Freq3
Input
Low: QC 156.25MHz Output
High: 125MHz Output
Floating: Output 312.5MHz (QC1 is HiZ if floating)
This pin has a built-in pull-up resistor of 150kΩ and pull-down resistor
of 100kΩ.
39, 38
SS1, SS0
Input
Spread Selection Pin for QA and QB
This pin has a built-in pull-up resistor of 100kΩ (see function table).
43
IREF
Input
External resistor connection for internal current reference
36
VSEL_33
Input
Low: 2.5V mode, High: 3.3V mode
This pin has a built-in pull_up resistor of 100kΩ
11-0074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com