Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4833 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC4833
Description  Clock Generator for Power PC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4833 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC4833 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4833 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.pericom.com
P-0.1
06/14/11
Alltrademarksarepropertyoftheirrespectiveowners.
PI6LC4833
Pin Configuration (56-Pin TQFN)
OC-A
FA0
FA1
SS1
PLL_BYPS
VSEL_33
VCCC1
QC1
VCCC0
QC0-
QC0+
SEL_FREQ3
QC-C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16 17 18 19 20 21 22 23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47 46 45 44 43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
SS0
GND
FB1
FB0
OC-B
VCCB
QB1
VDD_OSC
X1
X2
IN+
IN-
IN_Sel
OC-R
Sel_Freq2
QB0
Description
The PI6LC4833 implements Pericom's advanced LC VCO tech-
nology and is specifically designed for Power PC network pro-
cessor (Freescale MPC8548, MPC8572, AMCC 460, AMI732).
This high performance device is optimized to generate CPU core/
PCI clock, high performance PCIe Gen1/2 Clock, SRIO, Gigabit
Ethernet’s MAC and PHY clock. All outputs are generated from
25MHz external clock input or crystal.
Application
Î
Î
Router/Switch
Î
Î
OLT, BSC, WLAN, Wireless gateway
Î
Î
Wireless
Features
Î
Î
2.5/3.3V supply voltage
Î
Î
4 HCSL 100/125/200/250MHz outputs with OE
Î
Î
2 LVCMOS 33/50/66/100MHz selectable outputs
Î
Î
5 LVCMOS 25MHz or 125MHz outputs
Î
Î
1 LVPECL 312.5MHz, 156.25MHz or 125MHz output
Î
Î
1 CMOS 156.25MHz or 125MHz output
Î
Î
1 LVPECL 125MHz or 25MHz output
Î
Î
25MHz crystal or differential input
Î
Î
0.5ps (typ) RMS integrated phase noise design at 3.3V
operation
Î
Î
1.0ps (typ) RMS integrated phase noise design at 2.5V
operation
Î
Î
PLL Bypass mode for test
Î
Î
Industrial Temperature -40°C to 85°C
Î
Î
TQFN - 56 package
Clock Generator for Power PC
11-0074


Similar Part No. - PI6LC4833

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
PI6LC4830ZHE PERICOM-PI6LC4830ZHE Datasheet
1Mb / 11P
HiFlex Network Clock Generator
More results

Similar Description - PI6LC4833

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
Clock generator for PD
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
Clock generator for personal
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
Clock generator for PC
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
Clock Generator for Printer
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com