Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0179 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0179
Description  3 V GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0179 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0179_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0179_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
3 V GaAs SPDT Switch
DC - 2.0 GHz
Rev. V3
MASWSS0179
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
 Low Insertion Loss: <0.5 dB @ 900 MHz
 Low Power Consumption: <1.0 µA @ 3 VDC
 Very High Intercept Point: 52 dBm IP3
 Both Positive and Negative 3 to 8 V Control
 Lead-Free SOT-26 Package
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW-395
Description
The MASWSS0179 is a GaAs single pole, double
throw switch in a lead-free SOT-26 surface mount
plastic package. The MASWSS0179 is ideally suited
for applications where very low power consumption,
low intermodulation products, very small size and
low cost are required.
Typical application is an internal / external antenna
select switch for portable telephones and data
radios. In addition, because of its low loss, good
isolation and inherent speed, the MASWSS0179 can
be used as a conventional T/R switch or as an
antenna diversity switch. The MASWSS0179 can
be used in power applications up to 0.5 Watts in
systems such as cellular, PCS, GSM and other
analog / digital wireless communications systems.
The MASWSS0179 is fabricated using a mature 0.5-
micron gate length GaAs pHEMT process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic 2
2. DC blocking capacitors are not required if negative control
voltage is used.
6
5
4
1
2
3
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF1
4
Control B
2
Ground
5
RF Common
3
RF2
6
Control A
Part Number
Package
MASWSS0179
Bulk Packaging
MASWSS0179TR-3000
3000 piece reel
Ordering Information 1
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
+33 dBm
Operating Voltage
+8.5 Volts
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0179_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0179TR-3000 MACOM-MASWSS0179TR-3000 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179TR-3000 MA-COM-MASWSS0179TR-3000 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch
More results

Similar Description - MASWSS0179_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0179 MACOM-MASWSS0179 Datasheet
170Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0179 MA-COM-MASWSS0179 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
SW-395 MA-COM-SW-395 Datasheet
108Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0179_V3 MA-COM-MASWSS0179_V3 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch
MASWSS0179 MA-COM-MASWSS0179 Datasheet
130Kb / 3P
3 V GaAs SPDT Switch DC - 2.0 GHz
MASWSS0167 MA-COM-MASWSS0167_15 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com