Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0184 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0184
Description  High Power GaAs DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0184 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0184_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Power GaAs DPDT Diversity Switch
DC - 4.0 GHz
Rev. V1
MASWSS0184
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Schematic
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Features
 Ideal for high power diversity switch applications
including WiMax, WLAN MESH Networks, and
Fixed Wireless Access
 Broadband Performance: DC - 4.0 GHz
 Low Insertion Loss: 0.8 dB @ 2.5 GHz and
1.2 dB @ 3.5 GHz
 High P1dB Compression: 39.5 dBm @ 5 V
 Lead-Free 3 mm 12-Lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0184 is a broadband GaAs
PHEMT MMIC diversity switch available in a lead-
free 3 mm 12-lead PQFN package.
The
MASWSS0184 is ideally suited for applications
where very small size and high linear power are
required.
Typical applications include 2.5 & 3.5 GHz WiMax,
WLAN MESH networks, fixed wireless access, and
other higher power systems.
Designed for high
power, this DPDT switch maintains high linearity up
to 4.0 GHz.
The MASWSS0184 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
VC1
Control 1
4
ANT1
Antenna Port 1
5
GND
Ground
6
ANT2
Antenna Port 2
7
VC2
Control 2
8
GND
Ground
9
GND
Ground
10
Rx
Receive Port
11
GND
Ground
12
Tx
Transmit Port
13
Paddle2
RF and DC Ground
Pin Configuration
Ordering Information 1
Part Number
Package
MASWSS0184TR-3000
3000 piece reel
MASWSS0184SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
GND
GND
GND
V
C2
V
C1
GND
GND
GND
GND
V
C2
V
C1
GND


Similar Part No. - MASWSS0184_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0184SMB MACOM-MASWSS0184SMB Datasheet
240Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0184SMB MA-COM-MASWSS0184SMB Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
logo
Tyco Electronics
MASWSS0184TR-3000 MACOM-MASWSS0184TR-3000 Datasheet
240Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0184TR-3000 MA-COM-MASWSS0184TR-3000 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch DC - 4.0 GHz
More results

Similar Description - MASWSS0184_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-007587 MA-COM-MASW-007587 Datasheet
113Kb / 5P
High Power GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASW-007587 MA-COM-MASW-007587_15 Datasheet
642Kb / 6P
High Power GaAs DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com