Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0184 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0184
Description  High Power GaAs DPDT Diversity Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0184 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0184_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0184_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
High Power GaAs DPDT Diversity Switch
DC - 4.0 GHz
Rev. V1
MASWSS0184
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Evaluation Board for 3 mm 12-Lead PQFN
C4
C3
C1
C2
U1
C4
C3
C1
C2
U1
Truth Table 7,8
7.
Differential voltage, V (state 1) - V (state 0), must be
+2.7 V minimum and must not exceed 8.0 V.
8.
1 = +2.9 V to +8 V, 0 = 0 V + 0.2 V.
Control
VC1
Control
VC2
ANT 1
- Rx
ANT 1
- Tx
ANT 2
- Tx
ANT 2
- Rx
1
0
On
Off
On
Off
0
1
Off
On
Off
On
Absolute Maximum Ratings 5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Absolute
Maximum
Input Power @ 3 V Control
+35 dBm CW
Input Power @ 5 V Control
+37 dBm CW
Voltage
 8 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Application Schematic
GND
GND
GND
Vc2
Vc1
GND
C1
C2
C3
C4
C1 = C2 = C3 = C4 = 39 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com