Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-228-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-228-PIN
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-228-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-228-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SPDT Switch
DC - 4 GHz
Rev. V6
SW-226/227/228– PIN
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = -55°C to +85°C, Vc = 0 V / -5 V, Z0 = 50 
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.9
1.0
1.2
1.5
Insertion Loss (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.9
1.0
1.1
1.4
Insertion Loss (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.7
0.7
0.8
1.0
Isolation (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
53
48
40
25
—
—
—
—
—
—
—
—
Isolation (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
55
50
40
35
—
—
—
—
—
—
—
—
Isolation (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
dB
dB
dB
dB
50
42
32
22
—
—
—
—
—
—
—
—
VSWR (SW-226-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.6:1
2.3:1
VSWR (SW-227-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.6:1
2.0:1
VSWR (SW-228-PIN)
DC - 0.5 GHz
DC - 1 GHz
DC - 2 GHz
DC - 4 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.2:1
1.3:1
1.9:1
Trise, Tfall 5
10% to 90% RF, 90% to 10% RF
nS
—
3
—
Ton, Toff 5
50% control to 90% RF, 50% control to 10% RF
nS
—
6
—
Transients5 (SW-226-PIN,SW-227-PIN)
In-Band
mV
—
30
—
Transients5 (SW-228-PIN)
In-Band
mV
—
10
—
4. See MIL-STD-883 for environmental screening options.
5. Faster switching speed can be achieved with enhanced driver waveform.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com