Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-228-PIN Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SW-228-PIN
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-228-PIN Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SW-228-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-228-PIN Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaAs SPDT Switch
DC - 4 GHz
Rev. V6
SW-226/227/228– PIN
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Isolation
VSWR
Typical Performance Curves
Insertion Loss
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
SW-228
SW-226/SW-227
Frequency (GHz)
30
40
50
60
70
80
0
1
2
3
4
SW-228
SW-227
SW-226
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
SW-228
SW-226/SW-227
Frequency (GHz)
Lead-Free CR-2†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com