Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562TME Datasheet(PDF) 39 Page - Texas Instruments

Part # LP5562TME
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TME Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP5562TME Datasheet HTML 35Page - Texas Instruments LP5562TME Datasheet HTML 36Page - Texas Instruments LP5562TME Datasheet HTML 37Page - Texas Instruments LP5562TME Datasheet HTML 38Page - Texas Instruments LP5562TME Datasheet HTML 39Page - Texas Instruments LP5562TME Datasheet HTML 40Page - Texas Instruments LP5562TME Datasheet HTML 41Page - Texas Instruments LP5562TME Datasheet HTML 42Page - Texas Instruments LP5562TME Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
7.6.18 Program Memory (address = 10h – 6Fh) [reset = 00h]
See chapter SRAM Memory for further information.
Figure 43. Program Execution Engine Commands
Command
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RampWait
0
Pre-
Step time
Sign
Increment
scale
Set PWM
0
1
0
PWM Value
Go toStart
0
0
0
0
0
0
0
0
0
0
0
Branch
1
0
1
Loop Count
X
Step number
End
1
1
0
Int
Reset
X
Trigger
1
1
1
Wait for trigger on channels 5-0
Send trigger on channels 5-0
X
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com