Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562TME Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5562TME
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TME Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5562TME Datasheet HTML 5Page - Texas Instruments LP5562TME Datasheet HTML 6Page - Texas Instruments LP5562TME Datasheet HTML 7Page - Texas Instruments LP5562TME Datasheet HTML 8Page - Texas Instruments LP5562TME Datasheet HTML 9Page - Texas Instruments LP5562TME Datasheet HTML 10Page - Texas Instruments LP5562TME Datasheet HTML 11Page - Texas Instruments LP5562TME Datasheet HTML 12Page - Texas Instruments LP5562TME Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
LED current, mA
WLED
RLED
GLED
BLED
C010
0
1
2
3
4
5
6
7
0
5
10
15
20
25
LED current, mA
Matching
C011
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
LED voltage, V
WLED
RLED
GLED
BLED
C008
0.00E+00
5.00E+00
1.00E+01
1.50E+01
2.00E+01
2.50E+01
3.00E+01
0
25
50
75
100
125
150
175
200
225
250
Current code
WLED current
RLED current
GLED current
BLED current
C009
0.00E+00
2.00E+00
4.00E+00
6.00E+00
8.00E+00
1.00E+01
1.20E+01
1.40E+01
0
100
200
300
400
500
600
700
Measurement number
Input current, external clock,
powersave mode, no LEDs
C007
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
Typical Characteristics: Current Consumption (continued)
Unless otherwise specified: VDD = 3.6 V, VEN = 3.3 V. Here are presented input current consumption measurements. Current
consumption is measured during a LED blink program execution. Program code sets every LED output to full PWM value for
2 seconds and then PWM is set to 0 for 2 seconds. This is looped endlessly. 750 measurements are taken during one
measurement cycle.
Figure 9. Input Current Consumption in Power Save Mode With External Clock Running, no LEDs as Load and no LED Drivers
are Enabled During Program Execution.
6.10 Typical Characteristics: LED Output
LED driver typical performance images.
Figure 11. LED Driver Currents Compared to Current Setting
Figure 10. Every LED Driver Saturation Voltage, Current
Code
Setting 17.5 mA
Figure 12. LED Driver Current Accuracy With Different
Figure 13. LED Driver Current Matching Between all LED
Current Setting
Drivers With Different Current Setting
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com