Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562TMX/NOPB
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP5562TMX/NOPB Datasheet HTML 1Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 2Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 3Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LP5562
MCU
1 2F
CIN
SCL
SDA
CLK_32K
ADDR_SEL0
ADDR_SEL1
EN/VCC
VDD
GND
R
G
B
RGB LED
0...25.5 mA/LED
WLED
VDD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP5562
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
LP5562 Four-Channel LED Driver With Programmable Lighting Sequences
1 Features
3 Description
The LP5562 is a four-channel LED driver designed to
1
•
Four Independently Programmable LED Outputs
produce variety of lighting effects. The device has a
With 8-Bit Current Setting (From 0 mA to 25.5 mA
program memory for creating variety of lighting
With 100-
μA Steps) and 8-Bit PWM Control
sequences. When the program memory has been
•
Typical LED Output Saturation Voltage 60 mV and
loaded,
the
LP5562
can
operate
independently
Current Matching 1%
without processor control.
•
Flexible PWM Control for LED Outputs
The LP5562 is able to automatically enter power save
•
Automatic Power-Save Mode With External Clock
mode, when LED outputs are not active and thus
lowering current consumption.
•
Three Program Execution Engines With Flexible
Instruction Set
Four independent LED channels have accurate
programmable current sinks, from 0 mA to 25.5 mA
•
Autonomous Operation With Program Execution
with 100-
μA steps and flexible PWM control. Each
Engines
channel can be configured into each of the three
•
SRAM Program Memory for Lighting Pattern
program
execution
engines.
Program
execution
Programs
engines have program memory for creating desired
•
DSBGA 12-Pin Package, 0.4-mm Pitch
lighting sequences with PWM control.
The LP5562 has four pin-selectable I2C addresses.
2 Applications
This allows connecting up to four parallel devices in
•
Fun Lights
one I2C bus. The device requires only one small, low-
cost ceramic capacitor.
•
Indicator Lights
•
Keypad RGB Backlighting and Phone Cosmetics
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LP5562
DSBGA (12)
1.648 mm × 1.248 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP5562TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5562TMX/NOPB TI2-LP5562TMX/NOPB Datasheet
843Kb / 52P
LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
REVISED DECEMBER 2016
LP5562TMX/NOPB.A TI2-LP5562TMX/NOPB.A Datasheet
843Kb / 52P
LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
REVISED DECEMBER 2016
LP5562TMX/NOPB.B TI2-LP5562TMX/NOPB.B Datasheet
843Kb / 52P
LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
REVISED DECEMBER 2016
More results

Similar Description - LP5562TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
LED Lighting
FSP100-NZMCH-1050 FSP-FSP100-NZMCH-1050 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
LED Lighting
logo
LSI Computer Systems
LS7217 LSI-LS7217_14 Datasheet
262Kb / 6P
PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com