Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4563LE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7C4563LE
Description  Real-time Clock Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4563LE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT7C4563LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0333-4
06/18/13
9
PT7C4563
Real-time Clock Module (I
2C Bus)
2.
Control and status register
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
00
Control/status 1
(default)
0
Undefined
0
Undefined
1
Undefined
Undefined
Undefined
01
Control/status 2
AF
AIE
(default)
Undefined
Undefined
Undefined
0
Undefined
Undefined
0
0
0D
SQW control
SQWE
RS1
RS0
(default)
1
Undefined
Undefined
Undefined
Undefined
Undefined
0
0
a)
Alarm Interrupt
AIE: Alarm Interrupt Enable bit.
AIE
Data
Description
Read / Write
0
Alarm interrupt disabled
Default
1
Alarm interrupt enabled
AF: Alarm Flag
AF
Data
Description
Read
0
Alarm flag inactive
1
Alarm flag active
Write
0
Alarm flag is cleared
1
Alarm flag remains unchanged
b)
SQW control
SQWE: SQW output clock enable bit.
SQWE
Data
Description
Read / Write
0
the SQW output is inhibited and SQW output is set to high-impedance
1
the SQW output is activated
Default
RS1, RS0: SQW output frequency select.
RS1, RS0
Data
SQW output freq. (Hz)
Read / Write
00
32.768k
Default
01
1.024k
10
32
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com