Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4563LE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PT7C4563LE
Description  Real-time Clock Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4563LE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PT7C4563LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C4563LE Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0333-4
06/18/13
13
PT7C4563
Real-time Clock Module (I
2C Bus)
c)
Starting and Stopping I
2C Bus Communications
START condition, repeated START condition, and STOP condition
START condition
SDA level changes from high to low while SCL is at high level
STOP condition
SDA level changes from low to high while SCL is at high level
Repeated START condition (RESTART condition)
In some cases, the START condition occurs between a previous START condition and the next STOP condition, in which
case the second START condition is distinguished as a RESTART condition. Since the required status is the same as for the
START condition, the SDA level changes from high to low while SCL is at high level.
d)
Data Transfers and Acknowledge Responses during I
2C-BUS Communication
Data transfers
Data transfers are performed in 8-bit (1 byte) units once the START condition has occurred. There is no limit on the amount (bytes)
of data that are transferred between the START condition and STOP condition.
The address auto increment function operates during both write and read operations.
Updating of data on the transmitter (transmitting side)'s SDA line is performed while the SCL line is at low level.
The receiver (receiving side) captures data while the SCL line is at high level.
*Note with caution that if the SDA data is changed while the SCL line is at high level, it will be treated as a START, RESTART,
or STOP condition.
Fig.2 Starting and stopping on I
2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com