Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0144 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0144
Description  2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0144 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0144_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
DC - 3.0 GHz
Rev. V1
MASWSS0144
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Dedicated RF Ports (GSM, CDMA, GPS)
 Low Cross Modulation: -105 dBm
 Low Insertion Loss: 0.6 dB at 2 GHz
 High Isolation: 24 dB at 2 GHz
 Lead-Free 3 mm 12-lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0144 is an industry leading
GaAs PHEMT single pole, three throw (SP3T)
switch in a lead-free 3 mm 12-lead PQFN package.
The MASWSS0144 is uniquely configured to enable
switching from a common antenna port to Dual Band
GSM, CDMA Cellular and PCS, or GPS Receive
ports. The design is asymmetric and has dedicated
paths for each mode, which allows each path to be
optimized for the assigned mode of operation.
The MASWSS0144 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Pin Configuration
Pin
No.
Pin Name
Description
1
V1
Control 1
2
RF1
CDMA Transmit/Receive Port
3
GND
RF Ground
4
GND
RF Ground
5
RF2
GSM Transmit/Receive Port
6
V2
Control 2
7
GND
RF Ground
8
RF3
CDMA and GPS
9
V3
Control 3
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle) 1
RF Ground
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Ordering Information
Part Number
Package
MASWSS0144
Bulk Packaging
MASWSS0144TR-3000
3000 piece reel
MASWSS0144SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Schematic
V1
RF1
39 pF
GND
GND
RF3
39 pF
V3
Pin 1


Similar Part No. - MASWSS0144_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0144SMB MACOM-MASWSS0144SMB Datasheet
211Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0144SMB MA-COM-MASWSS0144SMB Datasheet
91Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0144TR-3000 MACOM-MASWSS0144TR-3000 Datasheet
211Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0144TR-3000 MA-COM-MASWSS0144TR-3000 Datasheet
91Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
More results

Similar Description - MASWSS0144_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0060 MACOM-MASWSS0060 Datasheet
184Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0144 MACOM-MASWSS0144 Datasheet
211Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
MASWSS0200 MACOM-MASWSS0200 Datasheet
187Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0144 MA-COM-MASWSS0144 Datasheet
91Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0060 MA-COM-MASWSS0060 Datasheet
77Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0144 MA-COM-MASWSS0144 Datasheet
91Kb / 4P
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
MASWSS0200 MA-COM-MASWSS0200 Datasheet
102Kb / 3P
GaAs SP3T 2.7 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0200 MA-COM-MASWSS0200_15 Datasheet
619Kb / 4P
GaAs SP3T 2.7 V CDMA-GPS Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com