Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0144 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0144
Description  2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0144 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0144_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0144_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.7 V GaAs SP3T Switch: GSM - CDMA - GPS
DC - 3.0 GHz
Rev. V1
MASWSS0144
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
RF2 Insertion Loss
Typical Performance Curves (using 39 pF external DC blocking capacitors)
RF1 Insertion Loss
RF3 Insertion Loss
RF1 Isolation
RF2 Isolation
RF3 Isolation
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
15
20
25
30
35
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com