Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10154 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10154
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10154 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10154 Datasheet HTML 1Page - National Semiconductor (TI) ADC10154 Datasheet HTML 2Page - National Semiconductor (TI) ADC10154 Datasheet HTML 3Page - National Semiconductor (TI) ADC10154 Datasheet HTML 4Page - National Semiconductor (TI) ADC10154 Datasheet HTML 5Page - National Semiconductor (TI) ADC10154 Datasheet HTML 6Page - National Semiconductor (TI) ADC10154 Datasheet HTML 7Page - National Semiconductor (TI) ADC10154 Datasheet HTML 8Page - National Semiconductor (TI) ADC10154 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC10154/ADC10158
10-Bit Plus Sign 4 µs ADCs with 4- or 8-Channel MUX,
Track/Hold and Reference
General Description
The ADC10154 and ADC10158 are CMOS 10-bit plus sign
successive approximation A/D converters with versatile ana-
log input multiplexers, track/hold function and a 2.5V
band-gap reference. The 4-channel or 8-channel multiplex-
ers can be software configured for single-ended, differential
or pseudo-differential modes of operation.
The input track/hold is implemented using a capacitive array
and sampled-data comparator.
Resolution can be programmed to be 8-bit, 8-bit plus sign,
10-bit or 10-bit plus sign. Lower-resolution conversions can
be performed faster.
The variable resolution output data word is read in two bytes,
and can be formatted left justified or right justified, high byte
first.
Applications
n Process control
n Instrumentation
n Test equipment
Features
n 4- or 8- channel configurable multiplexer
n Analog input track/hold function
n 0V to 5V analog input range with single +5V power
supply
n −5V to +5V analog input voltage range with ±5V
supplies
n Fully tested in unipolar (single +5V supply) and bipolar
(dual ±5V supplies) operation
n Programmable resolution/speed and output data format
n Ratiometric or Absolute voltage reference operation
n No zero or full scale adjustment required
n No missing codes over temperature
n Easy microprocessor interface
Key Specifications
n Resolution
10-bit plus sign
n Integral linearity error
±1 LSB (max)
n Unipolar power dissipation
33 mW (max)
n Conversion time (10-bit + sign)
4.4 µs (max)
n Conversion time (8-bit)
3.2 µs (max)
n Sampling rate (10-bit + sign)
166 kHz
n Sampling rate (8-bit)
207 kHz
n Band-gap reference
2.5V ±2.0% (max)
ADC10158 Simplified Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS011225-1
November 1999
© 1999 National Semiconductor Corporation
DS011225
www.national.com


Similar Part No. - ADC10154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10154 TI-ADC10154 Datasheet
438Kb / 25P
ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10154CIWM TI-ADC10154CIWM Datasheet
438Kb / 25P
ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10154CIWM/NOPB TI1-ADC10154CIWM/NOPB Datasheet
1Mb / 27P
55.5 mW A/D Converter
ADC10154CIWMX/NOPB TI-ADC10154CIWMX/NOPB Datasheet
438Kb / 25P
ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
More results

Similar Description - ADC10154

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX120 MAXIM-MAX120 Datasheet
633Kb / 16P
500ksps, 12-Bit ADCs with Track/Hold And Refrence
19-0030; Rev 0; 9/92
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Maxim Integrated Produc...
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10158CIWM TI-ADC10158CIWM Datasheet
438Kb / 25P
ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120_V01 Datasheet
2Mb / 15P
500ksps, 12-Bit ADCs with Track/Hold and Reference
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com