Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10154 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10154
Description  10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10154 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC10154 Datasheet HTML 15Page - National Semiconductor (TI) ADC10154 Datasheet HTML 16Page - National Semiconductor (TI) ADC10154 Datasheet HTML 17Page - National Semiconductor (TI) ADC10154 Datasheet HTML 18Page - National Semiconductor (TI) ADC10154 Datasheet HTML 19Page - National Semiconductor (TI) ADC10154 Datasheet HTML 20Page - National Semiconductor (TI) ADC10154 Datasheet HTML 21Page - National Semiconductor (TI) ADC10154 Datasheet HTML 22Page - National Semiconductor (TI) ADC10154 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2.0 Applications Information
(Continued)
gain error sample/hold specs are included in the ADC10154/
ADC10158’s total unadjusted, linearity, gain and offset error
specifications, while the hold settling time is included in the
A/D’s maximum conversion time specification. The hold
droop rate can be thought of as being zero since an unlim-
ited amount of time can pass between a conversion and the
reading of data. The data is lost after a new conversion has
been completed.
Protecting the Analog Inputs
DS011225-25
Diodes are 1N914.
The protection diodes should be able to withstand the output current of the op amp under current limit.
Zero-Shift and Span-Adjust for Signed or Unsigned, Unipolar, Single-Ended
Multiplexer Assignment, Analog Input Range of 2V
≤ V
IN ≤ 4.5V
DS011225-26
*1% resistors
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com