Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI301ZLE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI301ZLE
Description  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301ZLE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI301ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
PS8959B
10/01/09
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with Optimized
Equalization for Enhanced Signal Integrity
Features
• Supply voltage, VDD = 3.3V ±5%
• Each of the three input ports can support HDMI™ or DVI
signals
• Supports both AC-coupled and DC-coupled inputs
• Supports DeepColor™
• High Performance, up to 2.5 Gbps per channel
• Switching support for 3 side band signals
(SCL, SDA and HPD)
• 5V Tolerance on all side band signals
• SCL, SDA, and HPD pins are the only pins that can support
HOT INSERTION
• Integrated 50-ohm (±10%) termination resistors at each high
speed signal input
• TMDS input termination control on all high speed inputs
• HDCP reset circuitry for quick communication when
switching from one port to another
• Configurable output swing control
• Configurable Pre-Emphasis levels
• Configurable De-Emphasis
• Optimized Equalization
Single default setting will support all cable lengths
• 8kV Contact ESD protection on all input data/clock channels
per IEC61000-4-2
• Propagation delay ≤ 2ns
• High Impedance Outputs when disabled
• Packaging (Pb-free & Green):
− 80-pin LQFP (FF80)
− 64-pin TQFN (ZL64)
Description
Pericom Semiconductor’s PI3HDMI301 3:1 active switch circuit
is targeted for high-resolution video networks that are based
on DVI/HDMI™ standards and TMDS signal processing. The
PI3HDMI301 is an active 3 TMDS to 1 TMDS receiver switch
with Hi-Z outputs. The device receives differential signals from
selected video components and drives the video display unit. It
provides controllable output swings, as well as provides a unique
advanced pre-emphasis technique to increase rise and fall times
which are reduced during transmission across long distances.
Each complete HDMI/DVI channel also has slower speed, side
band signals, that are required to be switched. Pericom’s solution
provides a complete solution by integrating the side band switch
together with the high speed switch in a single solution. Using
Equalization at the input of each of the high speed channels,
Pericom can successfully eliminate deterministic jitter caused by
long cables from the source to the sink. The elimination of the
deterministic jitter allows the user to use much longer cables (up
to 25 meters).
The maximum DVI/HDMIBandwidth of 2.5 Gbps provides 36-bit
Deep Color™ support, which is offered by HDMI™ revision 1.3.
Due to its active uni-directional feature, this switch is designed
for usage only for the video receiver’s side. For consumer video
networks, the device sits at the receiver’s side to switch between
multiple video components, such as PC, DVD, STB, D-VHS,
etc. The PI3HDMI301 also provides enhanced robust ESD/EOS
protection of 8kV, which is required by many consumer video
networks today.
The Optimized Equalization provides the user a single optimal
setting that can provide passing results for HDMI jitter tests for
all cable lengths: 1meter to 20meters with DeepColor support up
to 36bits.
Pericom also offers the ability to fine tune the equalization settings
in situations where cable length is known. For example, if 25meter
cable length is required, Pericom's solution can be adjusted to
16dB EQ to accept 25meter cable length.
09-0054


Similar Part No. - PI3HDMI301ZLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
2Mb / 22P
3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI336 PERICOM-PI3HDMI336 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PI3HDMI336FBE PERICOM-PI3HDMI336FBE Datasheet
2Mb / 22P
3:1 ActiveEye HDMI Switch with I2C Control & ARC Transmitter
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ARFFE PERICOM-PI3HDMI341ARFFE Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
More results

Similar Description - PI3HDMI301ZLE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
logo
Pericom Semiconductor C...
PI3HDMI341AR PERICOM-PI3HDMI341AR Datasheet
528Kb / 12P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI341ART PERICOM-PI3HDMI341ART Datasheet
740Kb / 11P
3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PI3HDMI412AD PERICOM-PI3HDMI412AD Datasheet
660Kb / 10P
1:2 Active HDMI Rev. 1.3 Compatible DeMux with Advanced Re-Driver Functionality for Enhanced Signal Integrity
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
logo
Pericom Semiconductor C...
PI3HDMI431AR PERICOM-PI3HDMI431AR Datasheet
403Kb / 11P
3:1 Active HDMITM Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Analog Devices
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com