Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI301ZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3HDMI301ZLE
Description  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301ZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3HDMI301ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Receiver Block1
CLK+/-, Dx+/-
R2
250Kohm
R1
AVdd
Each input has integrated equalization that can eliminate deterministic jitter caused
by 25meter 24AWG cables. All activity can be configured using pin strapping. The
Rx block is designed to receive all relevant signals directly from the HDMITM connec-
tor without any additional circuitry, 3 High speed TMDS data, 1 pixel clock, 1 HPD
signals, and DDC signals. TMDS Channels have following termination scheme for Rx
Sense support.
Note:
1. R1 + R2 = 50 
09-0054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com