Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12062CIV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062CIV
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062CIV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12062CIV Datasheet HTML 8Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 9Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 10Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 11Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 12Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 13Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 14Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 15Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Applications Information (Continued)
TLH11490 – 16
FIGURE 6 ADC Control Logic
20 THE ANALOG INPUT
The analog input of the ADC12062 can be modeled as two
small resistances in series with the capacitance of the input
hold capacitor (CIN) as shown in Figure 7 The SH switch
is closed during the Sample period and open during Hold
The source has to charge CIN to the input voltage within the
sample period Note that the source impedance of the input
voltage (RSOURCE) has a direct effect on the time it takes to
charge CIN IfRSOURCE is too large the voltage across CIN
will not settle to within 05 LSBs of VSOURCE before the
conversion begins and the conversion results will be incor-
rect From a dynamic performance viewpoint the combina-
tion of RSOURCE RMUX RSW and CIN form a low pass
filter Minimizing RSOURCE will increase the frequency re-
sponse of the input stage of the converter
Typical values for the components shown in
Figure 7 are
RMUX e 100X RSW e 100X and CIN e 25 pF The set-
tling time to n bits is
tSETTLE e (RSOURCE a RMUX a RSW) CIN n ln (2)
The bandwidth of the input circuit is
fb3dB e 1(2 314 (RSOURCE a RMUX a RSW) CIN)
For maximum performance the impedance of the source
driving the ADC12062 should be made as small as possible
A source impedance of 100X or less is recommended A
plot of dynamic performance vs source impedance is given
in the Typical Performance Characteristics section
If the signal source has a high output impedance its output
should be buffered with an operational amplifier capable of
driving a switched 25 pF100X load Any ringing or instabili-
ties at the op amp’s output during the sampling period can
result in conversion errors The LM6361 high speed op amp
is a good choice for this application due to its speed and its
ability to drive large capacitive loads
Figure 8 shows the
LM6361 driving the ADC IN input of an ADC12062 The
100 pF capacitor at the input of the converter absorbs some
of the high frequency transients generated by the SH
switching reducing the op amp transient response require-
ments The 100 pF capacitor should only be used with high
speed op amps that are unconditionally stable driving ca-
pacitive loads
TLH11490 – 17
FIGURE 7 Simplified ADC12062 Input Stage
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com