Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12062CIV Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062CIV
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062CIV Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC12062CIV Datasheet HTML 9Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 10Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 11Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 12Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 13Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 14Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 15Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 16Page - National Semiconductor (TI) ADC12062CIV Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Applications Information (Continued)
TLH11490 – 18
FIGURE 8 Buffering the Input with an LM6361 High Speed Op Amp
Another benefit of using a high speed buffer is improved
THD performance when using the multiplexer of the
ADC12062 The MUX on-resistance is somewhat non-linear
over input voltage causing the RC time constant formed by
CIN RMUX and RSW to vary depending on the input voltage
This results in increasing THD with increasing frequency
Inserting the buffer between the MUX OUT and the ADC IN
terminals as shown in
Figure 8 will eliminate the loading on
RMUX significantly reducing the THD of the multiplexed sys-
tem
Correct converter operation will be obtained for input volt-
ages greater than AGND b 50 mV and less than AVCC a
50 mV Avoid driving the signal source more than 300 mV
higher than AVCC or more than 300 mV below AGND If an
analog input pin is forced beyond these voltages the cur-
rent flowing through that pin should be limited to 25 mA or
less to avoid permanent damage to the IC The sum of all
the overdrive currents into all pins must be less than 50 mA
When the input signal is expected to extend more than
300 mV beyond the power supply limits for any reason (un-
knownuncontrollable input voltage range power-on tran-
sients fault conditions etc) some form of input protection
such as that shown in
Figure 9 should be used
TLH11490 – 19
FIGURE 9 Input Protection
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com