Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV100 Datasheet(PDF) 1 Page - LEM

Part # AV100
Description  Voltage Transducer AV 100 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AV100 Datasheet(HTML) 1 Page - LEM

  AV100 Datasheet HTML 1Page - LEM AV100 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer AV100 Series
For the electronic measurement of voltages : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high voltage)
and the secondary circuit (electronic circuit).
Electrical data
Primary nominal
Primary Voltage
R.m.s. voltage for AC
Type
R.m.s or DC voltage
measuring range
isolation test1)
(50 Hz/1min)
V
PN (V)
V
Pmax (V)
V
d
(kV)
50
± 75
3.3
AV 100-50
125
± 187.5
3.3
AV 100-125
150
± 225
3.3
AV 100-150
250
± 375
3.3
AV 100-250
500
± 750
3.3
AV 100-500
750
± 1125
4.3
AV 100-750
1000
± 1500
5.5
AV 100-1000
1500
± 2250
6.5
AV 100-1500
P
V
ˆ
Not measurable overload
2 x V
Pmax (1s/h)
V
DC
R
M
Measuring resistance
R
M min
R
M max
@ V
C=11.4V
0
47
Ω
@ V
C=22.8V
0
184
Ω
I
SN
Secondary nominal r.m.s. current
50
mA
V
C
Supply voltage (± 5 %)
DC ± 12 .. 24
V
I
c
Current consumption
50+I
S
mA
Max Common mode voltage
U
HT+ + U HT- ≤ 4.2 kV
DC
and
U
HT+ - U HT-≤ VPMAX
V
e
R.m.s. voltage for partial discharge
1.1 2)
kV
extinction @ 10pC
2.2 3)
kV
Accuracy - Dynamic performance data
X
G
Overall Accuracy @ V
PN , TA = + 25°C
± 0.7
%
X
G
Overall Accuracy @ V
PN , TA = - 25 .. + 70°C
± 1.5
%
X
G
Overall Accuracy @ V
PN , TA = - 40 .. + 85°C
± 1.7
%
ε
L
Linearity @ T
A = 25°C
< 0.1
%
I
O
Offset current @ V
P = 0, TA = 25°C
± 0.15
mA
t
r
Response time @ 10 % of V
Pmax
Between 10 and 13 µs
f
Frequency bandwidth (- 3 dB)
DC .. 13
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 50 .. + 90
°C
m
Mass
375
g
Standards
EN 50155
EN 50124-1
NFF16101/2
Notes : 1) Between primary and secondary
Features
• Insulated plastic case recognized
according to UL 94-V0.
• Included primary resistor
Advantages
• Low power
• Excellent accuracy
• Very good linearity
• Low thermal drift
• Low response time
• High bandwidth
• High immunity to external
interference
• Low disturbance in common mode.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Power supplies for welding
applications
.
V
PN = 50...1500 V
030523/4
2) For models AV 100-50 to 750
3) For models AV 100-1000 & AV 100-1500
LEM Components


Similar Part No. - AV100

ManufacturerPart #DatasheetDescription
logo
LEM
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
Voltage Transducer
logo
Infinite Electronics In...
AV100P-US L-COM-AV100P-US Datasheet
427Kb / 2P
High density, small form factor audio, video and RS232 distribution
AV100PUS L-COM-AV100PUS Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV100R L-COM-AV100R Datasheet
427Kb / 2P
ADDERLink AV100 Series
AV100R L-COM-AV100R Datasheet
427Kb / 2P
ADDERLink AV100 Series
More results

Similar Description - AV100

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-500 LEM-LV100-500 Datasheet
66Kb / 2P
Voltage Transducer LV 100-500
LV100-750 LEM-LV100-750 Datasheet
66Kb / 2P
Voltage Transducer LV 100-750
LV100-800 LEM-LV100-800 Datasheet
65Kb / 2P
Voltage Transducer LV 100-800
LV100-1500 LEM-LV100-1500 Datasheet
66Kb / 2P
Voltage Transducer LV 100-1500
LV100-2500 LEM-LV100-2500 Datasheet
71Kb / 2P
Voltage Transducer LV 100-2500
LV100-3000 LEM-LV100-3000 Datasheet
71Kb / 2P
Voltage Transducer LV 100-3000
LV100-3500 LEM-LV100-3500 Datasheet
71Kb / 2P
Voltage Transducer LV 100-3500
LV100-4000 LEM-LV100-4000 Datasheet
71Kb / 2P
Voltage Transducer LV 100-4000
LV100 LEM-LV100 Datasheet
57Kb / 2P
Voltage Transducer LV 100
LV100-100 LEM-LV100-100 Datasheet
66Kb / 2P
Voltage Transducer LV 100-100
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com