Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV100 Datasheet(PDF) 2 Page - LEM

Part # AV100
Description  Voltage Transducer AV 100 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AV100 Datasheet(HTML) 2 Page - LEM

  AV100 Datasheet HTML 1Page - LEM AV100 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions AV100 Series (in mm. 1 mm = 0.0394 inch)
Remarks
• I
S is positive when VP is applied on terminal +HT.
• This is a standard model. For different versions, please
contact us.
Mechanical characteristics
• General tolerance
± 1 mm
• Fastening
2 holes
∅ 6.5 mm
Distance between holes axes :
124mm
• Fastening & connection of primary
2 x M5
• Fastening & connection of secondary 3 x M5 or 3 Faston
6.35 x 0.8mm
Output connections must be made with screened cables
• Fastening torque:
2.2 Nm
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Front view
TOP view
Left view
Secondary terminals
Terminal + : Supply voltage +12 .. 24 V
Terminal M : Measure
Terminal - : Supply voltage - 12 .. 24V
Connection
AV100
AV100
+
M
-
HT+
HT-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com