Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5PD2557 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5PD2557
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2557 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5PD2557 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
5
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Typical characteristic
t - Time - 2 mS/div
t - Time - 2 mS/div
Figure 3 Turn-on Delay and Rise Time
Figure 4 Turn-off Delay and Fall Time
t - Time - 2 mS/div
t - Time - 4 mS/div
Figure 5 Device Enabled into Short-Circuit
Figure 6 Full-Load to Short-Circuit Transient Response
t - Time - 10 ms/div
Figure 7 Short-Circuit to Full-Load Recovery Response
VOUT
2V/div
VEN
5V/div
IIN
2A/div
VOUT
2V/div
VEN
5V/div
IIN
2A/div
VEN
5V/div
VFAULT
5V/div
IIN
2AV/div
VOUT
2V/div
VFAULT
5V/div
IIN
5A/div
VOUT
5V/div
VFAULT
5V/div
IIN
5A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com