Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5PD2557 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5PD2557
Description  Precision Adjustable Current -Limited Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2557 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI5PD2557 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5PD2557 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0011
PT0497-4
08/31/15
6
PI5PD2556/2557
Precision Adjustable
Current-Limited Power Switch
Figure 8 IIN & Junction Temperature, Output Disabled
Figure 9 IIN & Junction Temperature , Output Enabled
Figure 10 IIN & VIN Supply Voltage
Figure 11 MOSFET Ron & Junction Temperature
Figure 5 UVLO & Junction Temperature
Figure 12 UVLO – Under voltage Lockout – V
Figure 13 Switch Current Vs. Drain-Source Voltage Across
-40°C
25°C
125°C
RLIM = 100kohm
VIN-VOUT mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com