Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR-EZ1 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PR-EZ1
Description  Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PR-EZ1 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PR-EZ1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PR-EZ1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keyspan by Tripp Lite Easy Presenter Wireless
Remote Control, White, 60-ft. Range
MODEL NUMBER: PR-EZ1
Description
Keyspan-by-Tripp Lite's Easy Presenter Remote Control provides complete PowerPoint and Keynote control --
including audio control -- plus a laser pointer. It's feature set, simplicity and affordability make it an attractive
solution for presenters in business and education.
Features
RF Connectivity: Works to 60 ft or more -- even through walls and furniture
Laser Pointer: Highlight details of your presentation with ease
Audio Control: Volume and mute buttons control sound
Plug & Play: No software to install, just plug it in and it works within seconds
Travel Pouch: Convenient for carrying the remote and receiver
Buttons on the Remote:
Launch presentation (F5)
Slide forward
Slide back
Black screen
Quit presentation (ESC)
Volume up
Volume down
Mute
Laser pointer
Button names - associated keystrokes - actions:
Previous Slide (Left Triangle Button) - Page Up - Moves to previous slide in slideshow
Next Slide (Right Triangle Button) - Page - Moves to next slide in slideshow
Volume Up (Up Triangle Button) - System Volume Up Key - Raises the volume level on your computer
Volume Down (Down Triangle Button) - System Volume Down Key - Lowers the volume level on your
Highlights
Keyspan wireless presentation
remote designed to work with
PowerPoint, Keynote, Adobe
Director, etc.
60+ ft. RF range
Laser pointer
Audio controls
System Requirements
Windows:
An available USB port;
Windows
98SE/Me/2000/XP/Windows 7
Mac OS:
An available USB port;
Mac OS 9.1 or later;
Mac OS X (10.1.5 or later);
Mac OS X (10.6.2)
Requires Mac OS X (10.3 or
later) for volume control;
Requires Mac OS X (10.3 or
later) and installation of driver to
start PowerPoint or Keynote
using the F5 button on the remote
Presentation Software: This
remote control is designed for
use with PowerPoint and
Keynote. It will also work with
other presentation programs that
use the same keystrokes as
PowerPoint. The remote supports
both Slide Show view and
Presenter view within
PowerPoint.
Multi-Media Software: Volume
control buttons adjust system
volume on a PC or Mac.
Projectors: This remote is
compatible with all brands of
projectors.
Package Includes
USB Receiver
Remote
1 / 2


Similar Part No. - PR-EZ1

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR-002A CUI-PR-002A Datasheet
27Kb / 1P
DC POWER PLUGS
logo
CUI Devices
PR-002A CUID-PR-002A Datasheet
259Kb / 3P
DC POWER RECEPTACLE
08/05/2022
logo
CUI INC
PR-002B CUI-PR-002B Datasheet
149Kb / 3P
DC POWER JACK
logo
CUI Devices
PR-002B CUID-PR-002B Datasheet
260Kb / 3P
DC POWER RECEPTACLE
08/05/2022
logo
Pepperl+Fuchs Inc.
PR-03 PF-PR-03 Datasheet
756Kb / 2P
Power Rail
More results

Similar Description - PR-EZ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSRM4 ETC2-APSRM4 Datasheet
483Kb / 3P
Remote Control Module - for Tripp Lite PowerVerter Inverters and Inverter/Chargers
logo
Tripp Lite. All Rights ...
UAC1B TRIPPLITE-UAC1B Datasheet
516Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
APSRMSW TRIPPLITE-APSRMSW Datasheet
503Kb / 2P
Remote Control Module for Tripp Lite Pure Sine Wave Inverter/Chargers
PREZ1 TRIPPLITE-PREZ1 Datasheet
498Kb / 2P
Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PRPRO3 TRIPPLITE-PRPRO3 Datasheet
482Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PRPRO4 TRIPPLITE-PRPRO4 Datasheet
500Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 65-ft. Range
PRUS2 TRIPPLITE-PRUS2 Datasheet
499Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
PR-PRO3 TRIPPLITE-PR-PRO3 Datasheet
479Kb / 2P
Keyspan by Tripp Lite Presentation Pro Wireless Remote Control, Black, 100-ft. Range
PR-US2 TRIPPLITE-PR-US2 Datasheet
497Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com