Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR-EZ1 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PR-EZ1
Description  Keyspan by Tripp Lite Easy Presenter Wireless Remote Control, White, 60-ft. Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PR-EZ1 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PR-EZ1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PR-EZ1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
computer
Mute (Speaker Button) - System Mute Key - Mutes all sounds on your computer
Black Screen (Black Square Button) - B - Blacks screen during a slideshow. Press again to un-black screen
F5 - F5 -Starts slideshow mode. NOTE for Mac Users: Install optional software to enable F5 to start slideshow
mode in PowerPoint/Keynote (See "Help & Downloads" tab)
ESC - ESC - Stop slideshow
Laser Button (Red Circle Button) - None or n/a - Press to turn on laser pointer
Specifications
OVERVIEW
Model Frequency
433 Mhz
Laser Pointer
Class 2; Maximum output = 1 mW, wavelength = 650 nm
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite Easy Presenter Remote Control
PHYSICAL
Color
White
COMMUNICATIONS
Signal Range (ft.)
60
Signal Range (m)
18.3
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
Remote's Battery (type CR2025)
Travel Pouch
Printed Quick Start
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com