Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LMA Datasheet(PDF) 49 Page - SPANSION

Part # MB9AF111LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LMA Datasheet(HTML) 49 Page - SPANSION

Back Button MB9AF111LMA Datasheet HTML 45Page - SPANSION MB9AF111LMA Datasheet HTML 46Page - SPANSION MB9AF111LMA Datasheet HTML 47Page - SPANSION MB9AF111LMA Datasheet HTML 48Page - SPANSION MB9AF111LMA Datasheet HTML 49Page - SPANSION MB9AF111LMA Datasheet HTML 50Page - SPANSION MB9AF111LMA Datasheet HTML 51Page - SPANSION MB9AF111LMA Datasheet HTML 52Page - SPANSION MB9AF111LMA Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
D a t a S h e e t
46
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Type
Circuit
Remarks
I
P-ch
N-ch
CMOS level output
CMOS level hysteresis input
5V tolerant
With standby mode control
I
OH = -4mA, IOL = 4mA
When this pin is used as an
I2C pin, the digital output
P-ch transistor is always off
J
Mode Input
CMOS level hysteresis input
Digital input
Standby mode control
Digital output
Digital output
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com