Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LMA Datasheet(PDF) 10 Page - SPANSION

Part # MB9AF111LMA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LMA Datasheet(HTML) 10 Page - SPANSION

Back Button MB9AF111LMA Datasheet HTML 6Page - SPANSION MB9AF111LMA Datasheet HTML 7Page - SPANSION MB9AF111LMA Datasheet HTML 8Page - SPANSION MB9AF111LMA Datasheet HTML 9Page - SPANSION MB9AF111LMA Datasheet HTML 10Page - SPANSION MB9AF111LMA Datasheet HTML 11Page - SPANSION MB9AF111LMA Datasheet HTML 12Page - SPANSION MB9AF111LMA Datasheet HTML 13Page - SPANSION MB9AF111LMA Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
7
CONFIDENTIAL
 PRODUCT LINEUP
Memory size
Product name
MB9AF111LA/MA/NA MB9AF112LA/MA/NA MB9AF114LA/MA/NA
On-chip Flash memory
64Kbytes
128Kbytes
256Kbytes
On-chip SRAM
16Kbytes
16Kbytes
32Kbytes
Product name
MB9AF115MA/NA
MB9AF116MA/NA
On-chip Flash memory
384Kbytes
512Kbytes
On-chip SRAM
32Kbytes
32Kbytes
Function
Product name
MB9AF111LA
MB9AF112LA
MB9AF114LA
MB9AF111MA
MB9AF112MA
MB9AF114MA
MB9AF115MA
MB9AF116MA
MB9AF111NA
MB9AF112NA
MB9AF114NA
MB9AF115NA
MB9AF116NA
Pin count
64
80
100
CPU
Cortex-M3
Freq.
40MHz
Power supply voltage range
2.7V to 5.5V
DMAC
8ch.
External Bus Interface
-
Addr:21-bit (Max)
Data:8-bit
CS:4 (Max)
Support: SRAM, NOR
Flash
Addr:25-bit (Max)
Data:8/16-bit
CS:8 (Max)
Support: SRAM, NOR
Flash
Multi-function Serial Interface
(UART/CSIO/LIN/I
2C)
8ch. (Max)
ch.4 to ch.7: FIFO (16steps × 9-bit)
ch.0 to ch.3: No FIFO
Base Timer
(PWC/ Reload timer/PWM/PPG)
8ch. (Max)
MF-
Timer
A/D
activation
compare
3ch.
1 unit
2 units (Max)
Input
capture
4ch.
Free-run
timer
3ch.
Output
compare
6ch.
Waveform
generator
3ch.
PPG
3ch.
QPRC
2ch. (Max)
Dual Timer
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1ch. (SW) + 1ch. (HW)
External Interrupts
8pins (Max)+ NMI × 1
11pins (Max)+ NMI × 1 16pins (Max)+ NMI × 1
I/O ports
51pins (Max)
66pins (Max)
83pins (Max)
12-bit A/D converter
9ch. (2 units)
12ch. (3 units)
16ch. (3 units)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in
High-speed
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com