Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B210T Datasheet(PDF) 49 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 49 Page - SPANSION

Back Button MB9B210T Datasheet HTML 45Page - SPANSION MB9B210T Datasheet HTML 46Page - SPANSION MB9B210T Datasheet HTML 47Page - SPANSION MB9B210T Datasheet HTML 48Page - SPANSION MB9B210T Datasheet HTML 49Page - SPANSION MB9B210T Datasheet HTML 50Page - SPANSION MB9B210T Datasheet HTML 51Page - SPANSION MB9B210T Datasheet HTML 52Page - SPANSION MB9B210T Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
D a t a S h e e t
46
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
176
LQFP-
144
BGA-
192
Multi-
Function
Timer
1
DTTI1X_0
Input signal controlling wave form
generator outputs RTO10 to RTO15
of multi-function timer 1.
19
19
F6
DTTI1X_1
58
50
M5
FRCK1_0
16-bit free-run timer ch.1 external
clock input pin
2
2
B2
FRCK1_1
63
55
L6
IC10_0
16-bit input capture ch.1 input pin of
multi-function timer 1.
ICxx describes channel number
3
3
C2
IC10_1
59
51
L5
IC11_0
4
4
C3
IC11_1
60
52
K5
IC12_0
5
5
D5
IC12_1
61
53
N6
IC13_0
6
6
D2
IC13_1
62
54
M6
RTO10_0
(PPG10_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG10 when it
is used in PPG1 output modes.
13
13
E5
RTO10_1
(PPG10_1)
46
38
N2
RTO11_0
(PPG10_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG10 when it
is used in PPG1 output modes.
14
14
F1
RTO11_1
(PPG10_1)
47
39
N3
RTO12_0
(PPG12_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG12 when it
is used in PPG1 output modes.
15
15
F2
RTO12_1
(PPG12_1)
48
40
M3
RTO13_0
(PPG12_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG12 when it
is used in PPG1 output modes.
16
16
F3
RTO13_1
(PPG12_1)
49
41
L4
RTO14_0
(PPG14_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG14 when it
is used in PPG1 output modes.
17
17
F4
RTO14_1
(PPG14_1)
50
42
M4
RTO15_0
(PPG14_0)
Wave form generator output of
multi-function timer 1.
This pin operates as PPG14 when it
is used in PPG1 output modes.
18
18
F5
RTO15_1
(PPG14_1)
51
43
N4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com