Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B210T Datasheet(PDF) 89 Page - SPANSION

Part # MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Datasheet(HTML) 89 Page - SPANSION

Back Button MB9B210T Datasheet HTML 85Page - SPANSION MB9B210T Datasheet HTML 86Page - SPANSION MB9B210T Datasheet HTML 87Page - SPANSION MB9B210T Datasheet HTML 88Page - SPANSION MB9B210T Datasheet HTML 89Page - SPANSION MB9B210T Datasheet HTML 90Page - SPANSION MB9B210T Datasheet HTML 91Page - SPANSION MB9B210T Datasheet HTML 92Page - SPANSION MB9B210T Datasheet HTML 93Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 137 page
background image
D a t a S h e e t
86
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
(7) External Bus Timing
 External bus clock output characteristics
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Output frequency
tCYCLE
MCLKOUT*
1
Vcc ≥ 4.5 V
-
50*
2
MHz
Vcc < 4.5 V
-
32*
3
MHz
*1: External bus clock (MCLKOUT) is divided clock of HCLK.
For more information about setting of clock divider, see "CHAPTER 12: External Bus Interface" in
"FM3 Family PERIPHERAL MANUAL".
When external bus clock is not output, this characteristic does not give any effect on external bus operation.
*2: When AHB bus clock frequency is more than 100 MHz, the divider setting for MCLKOUT must be more
than 4.
*3: When AHB bus clock frequency is more than 64 MHz, the divider setting for MCLKOUT must be more
than 4.
 External bus signal input/output characteristics
(Vcc = 2.7V to 5.5V, Vss = 0V, Ta = - 40°C to + 85°C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Signal input characteristics
VIH
-
0.8 × VCC
V
VIL
0.2 × VCC
V
Signal output characteristics
VOH
0.8 × VCC
V
VOL
0.2 × VCC
V
VIH
VIL
VIL
VIH
VOH
VOL
VOL
VOH
Input signal
Output signal
MCLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com