Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B500B Datasheet(PDF) 91 Page - SPANSION

Part # MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Datasheet(HTML) 91 Page - SPANSION

Back Button MB9B500B Datasheet HTML 87Page - SPANSION MB9B500B Datasheet HTML 88Page - SPANSION MB9B500B Datasheet HTML 89Page - SPANSION MB9B500B Datasheet HTML 90Page - SPANSION MB9B500B Datasheet HTML 91Page - SPANSION MB9B500B Datasheet HTML 92Page - SPANSION MB9B500B Datasheet HTML 93Page - SPANSION MB9B500B Datasheet HTML 94Page - SPANSION MB9B500B Datasheet HTML 95Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
D a t a S h e e t
88
MB9B500B-DS706-00021-3v0-E, December 15, 2014
CONFIDENTIAL
5.
12bit A/D Converter
· Electrical characteristics for the A/D converter.
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40C to + 85C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
-
-
-
± 2
± 4.5
LSB
AVRH = 2.7V to 5.5V
Differential Nonlinearity
-
-
-
± 2
± 2.5
LSB
Zero transition voltage
VZT
ANxx
-
± 5
± 20
mV
Full-scale transition
voltage
VFST
ANxx
-
AVRH ± 10 AVRH ± 20 mV
Conversion time
-
-
1.0*
1
-
-
μs
AVcc ≥ 4.5V
2.666*
1
-
-
AVcc < 4.5V
Sampling time
Ts
-
*2
-
-
ns
AVcc ≥ 4.5V
*2
-
-
AVcc < 4.5V
Compare clock cycle *3
Tcck
-
55.5
-
10000
ns
AVcc ≥ 4.5V
166.6*
4
AVcc < 4.5V
State transition time to
operation permission
Tstt
-
-
-
2.5
μs
Analog input capacity
CAIN
-
-
-
14.5
pF
Analog input resistance
RAIN
-
-
-
0.93
kΩ
AVcc ≥ 4.5V
2.04
AVcc < 4.5V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input
current
-
ANxx
-
-
5
μA
Analog input voltage
-
ANxx
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
*1: The Conversion time is the value of sampling time(Ts) + compare time(Tc).
The condition of the minimum conversion time is the following.
AVcc ≥ 4.5V, HCLK=72MHz
sampling time: 0.222μs
compare time: 0.778μs
AVcc < 4.5V, HCLK=54MHz
sampling time: 0.333μs
compare time: 2.333μs
Ensure that it satisfies the value of the sampling time (Ts) and compare clock cycle (Tcck).
For setting of the sampling time and compare clock cycle, see "CHAPTER 1-1: A/D Converter" in "FM3
Family PERIPHERAL MANUAL Analog Macro Part".
The registers setting of the A/D Converter are reflected in the operation according to the APB bus clock
timing.
The sampling clock and compare clock is generated from the Base clock (HCLK).
About the APB bus number which the A/D Converter is connected to, see "BLOCK DIAGRAM" in this
data sheet.
*2: A necessary sampling time changes by external impedance.
Ensure that it set the sampling time to satisfy (Equation 1)
*3: The Compare time (Tc) is the value of (Equation 2)
*4: When 12bit A/D converter is used at AVcc<4.5V, there is a limitation as follows.
Please set the HCLK frequency under 54MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com