Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F587L Datasheet(PDF) 114 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 114 Page - SPANSION

Back Button MB91F587L Datasheet HTML 110Page - SPANSION MB91F587L Datasheet HTML 111Page - SPANSION MB91F587L Datasheet HTML 112Page - SPANSION MB91F587L Datasheet HTML 113Page - SPANSION MB91F587L Datasheet HTML 114Page - SPANSION MB91F587L Datasheet HTML 115Page - SPANSION MB91F587L Datasheet HTML 116Page - SPANSION MB91F587L Datasheet HTML 117Page - SPANSION MB91F587L Datasheet HTML 118Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
111
CONFIDENTIAL
INTERRUPT VECTOR TABLE
Interrupt factor
Interrupt
number
Interrupt
level
Offset
TBR
default
address
RN*1
Interrupt
request
batch
read
target
Deci
mal
Hexa
deci
mal
Reset
0
00
-
3FCH
000FFFFCH
-
-
System reserved
1
01
-
3F8H
000FFFF8H
-
-
System reserved
2
02
-
3F4H
000FFFF4H
-
-
System reserved
3
03
-
3F0H
000FFFF0H
-
-
System reserved
4
04
-
3ECH
000FFFECH
-
-
FPU exception
5
05
-
3E8H
000FFFE8H
-
-
Instruction access protection violation
exception
6
06
-
3E4H
000FFFE4H
-
-
Data access protection violation
exception
7
07
-
3E0H
000FFFE0H
-
-
Data access error interrupts
8
08
-
3DCH 000FFFDCH
-
-
INTE instruction
9
09
-
3D8H
000FFFD8H
-
-
Instruction break
10
0A
-
3D4H
000FFFD4H
-
-
System reserved
11
0B
-
3D0H
000FFFD0H
-
-
System reserved
12
0C
-
3CCH 000FFFCCH
-
-
System reserved
13
0D
-
3C8H
000FFFC8H
-
-
Exception of invalid instruction
14
0E
-
3C4H
000FFFC4H
-
-
NMI request
Error generation at internal bus
diagnosis
RAM double-bit error
Backup RAM double-bit error
RDC abnormality *5
15
0F
15(FH)
Fixed
3C0H
000FFFC0H
-
External interrupt 0-7
16
10
ICR00
3BCH 000FFFBCH
0
-
Reload timer 0 / 1
17
11
ICR01
3B8H
000FFFB8H
1
Reload timer 2 / 3
18
12
ICR02
3B4H
000FFFB4H
2
Multifunction serial interface ch0
(reception completed) /
Multifunction serial interface ch0
(status)
19
13
ICR03
3B0H
000FFFB0H
3*2
Multifunction serial interface ch0
(transmission completed)
20
14
ICR04
3ACH 000FFFACH
4
-
Multifunction serial interface ch1
(reception completed) /
Multifunction serial interface ch1
(status)
21
15
ICR05
3A8H
000FFFA8H
5*2
Multifunction serial interface ch1
(transmission completed)
22
16
ICR06
3A4H
000FFFA4H
6
-
Multifunction serial interface ch2
(reception completed) /
Multifunction serial interface ch2
(status)
23
17
ICR07
3A0H
000FFFA0H
7*2
Multifunction serial interface ch2
(transmission completed)
24
18
ICR08
39CH
000FFF9CH
8
-
Multifunction serial interface ch 3
(reception completed) /
Multifunction serial interface ch3
(status)
25
19
ICR09
398H
000FFF98H
9*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com