Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F587L Datasheet(PDF) 116 Page - SPANSION

Part # MB91F587L
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587L Datasheet(HTML) 116 Page - SPANSION

Back Button MB91F587L Datasheet HTML 112Page - SPANSION MB91F587L Datasheet HTML 113Page - SPANSION MB91F587L Datasheet HTML 114Page - SPANSION MB91F587L Datasheet HTML 115Page - SPANSION MB91F587L Datasheet HTML 116Page - SPANSION MB91F587L Datasheet HTML 117Page - SPANSION MB91F587L Datasheet HTML 118Page - SPANSION MB91F587L Datasheet HTML 119Page - SPANSION MB91F587L Datasheet HTML 120Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
113
CONFIDENTIAL
Interrupt factor
Interrupt
number
Interrupt
level
Offset
TBR
default
address
RN*1
Interrupt
request
batch
read
target
Deci
mal
Hexa
deci
mal
OCU 6 (match) / OCU 7 (match)
52
34
ICR36
32CH
000FFF2CH
36
OCU 8 (match) / OCU 9 (match)
53
35
ICR37
328H
000FFF28H
37
OCU 10 (match) / OCU 11 (match)
54
36
ICR38
324H
000FFF24H
38
WG dead timer underflow 0 / 1/ 2
WG dead timer reload 0 / 1/ 2
WG DTTI 0
55
37
ICR39
320H
000FFF20H
39
WG dead timer underflow 3 / 4 / 5
WG dead timer reload 3 / 4 / 5
WG DTTI 1
56
38
ICR40
31CH
000FFF1CH
40
AD converter 0 / 1 / 2 / 3 / 4 / 5 / 6 / 7 57
39
ICR41
318H
000FFF18H
41
AD converter 8 / 9 / 10 / 11 / 12 / 13 /
14 / 15
58
3A
ICR42
314H
000FFF14H
42
AD converter 16 / 17 / 18 / 19 / 20 /
21 / 22 / 23
59
3B
ICR43
310H
000FFF10H
43
Base timer 0 IRQ 0/
base timer 0 IRQ 1
60
3C
ICR44
30CH
000FFF0CH
44
Base timer 1 IRQ 0/
base timer 1 IRQ 1
61
3D
ICR45
308H
000FFF08H
45
DMAC 0 / 1 / 2 / 3 / 4 / 5 / 6 / 7
62
3E
ICR46
304H
000FFF04H
-
Delay interrupt
63
3F
ICR47
300H
000FFF00H
-
-
System reserved
(Used for REALOS *4.)
64
40
-
2FCH
000FFEFCH
-
-
System reserved
(Used for REALOS *4.)
65
41
-
2F8H
000FFEF8H
-
-
Used with the INT instruction.
66
|
255
42
|
FF
-
2F4H
|
000H
000FFEF4H
|
000FFC00H
-
-
*1 : Does not support a DMA transfer request caused by an interrupt generated from a peripheral to which no
RN (resource number) is assigned.
*2 : The multi-function serial interface status does not support DMA transfer caused by I2C reception.
*3 : "PLL gear for FlexRay" and "PLL alarm for FlexRay" do not support DMA transfer.
*4 : REALOS is a trademark of Spansion LLC.
*5 : For RDC, the MB91F585LA/F586LA/F587LA/F585LC/F586LC/F587LC have corresponding functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com